Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.7.32 Invalid register addresses
A register read command to a register address outside the addresses listed in Section 7.6 "User-accessible
data array" results in a valid response. The data for the registers are '00h'.
A register write command to a register address outside the addresses listed in Section 7.6 "User-accessible
data array" is not executable, but results in a valid response. The data for the registers are '00h'.
A register write command to a read-only register is not executable, but results in a valid response. The data for
the registers is the current content of the registers.
7.8 Read/write register array CRC verification
The writable registers (all registers except for the DEVLOCK_WR register) are verified by a continuous 4-
bit CRC that is calculated on the entire array once ENDINIT is set. The CRC verification uses a generator
polynomial of g(x) = X4 + X3 + 1, with a seed value = '0000'.
8 Maximum ratings
Absolute maximum ratings are the limits that the device can be exposed to without permanently damaging
it. Absolute maximum ratings are stress ratings only; functional operation at these ratings is not guaranteed.
Exposure to absolute maximum ratings conditions for extended periods might affect device reliability.
This device contains circuitry to protect against damage due to high static voltage or electrical fields. NXP
advises that normal precautions be taken to avoid application of any voltages higher than maximum-rated
voltages to this high-impedance circuit.
Symbol
Parameter
Conditions
Min
Max
Unit
VCCMAX
Supply Voltage
VCC, VCCIO
[1] —
+6.0
V
hDROP
Drop shock
To concrete, tile or steel surface, 10 drops,
any orientation
[2] —
1.2
m
Tstg
Storage
[2] –40
+130
°C
TJ
Temperature range
Junction
[2] [3] –40
+150
°C
PMAX
Continuous (tested at 10 s)
[1] —
150
kPa
PBURST
Maximum absolute pressure
Burst (tested at 100 ms)
[1] —
345
kPa
PMIN
Minimum absolute pressure
Continuous
[1] —
40
kPa
fSEAL
Pressure sealing force
Applied to top face of package
[1] —
10
N
θJA
Thermal resistance
[4] —
120
°C/W
ESD and latch-up protection characteristics
VESD
Human body model (HBM)
[2] –2000
2000
V
VESD
Electrostatic discharge (per
AEC-Q100, Rev H)
Charge device model (CDM)
[2] [5] –500
500
V
Table 102. Maximum ratings
[1]
Parameter verified by parametric and functional validation.
[2]
Parameter verified by qualification testing (Per AEC-Q100 Rev H or per NXP specification).
[3]
Functionality verified by modeling, simulation and/or design verification.
[4]
Thermal resistance provided with device mounted to a two-layer, 1.6 mm FR-4 PCB as documented in AN1902[1] with one signal layer and one ground
layer.
[5]
CDM tested at ±750 V for corner pins and ±500 V for all other pins.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
52 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com