Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 56Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Caution
This device is sensitive to mechanical shock. Improper handling can cause permanent damage to the part.
Caution
msc896
This is an ESD sensitive device. Improper handling can cause permanent damage to the part.
9 Operating range
VCC_min ≤ (VCC - VSS) ≤ VCC_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Units
VCC
Supply voltage
Measured at VCC
[1] 3.10
5.25
V
TA
VCC = 5.0 V, unless otherwise stated.
Production tested operating temperature
range
[1]
TL
–40
TH
+130
°C
TA
Operating temperature range
Guaranteed operating temperature range
[1] –40
+130
°C
VCC_RAMP_SPI
Supply power on ramp rate
[2] 0.00001
10
V/μs
VPP
Programming voltage (IPP ≤
5 mA, 15 °C ≤ TA ≤ 40 °C)
Applied to VCC
9.0
11.0
V
Table 103. Electrical characteristics — supply and I/O
[1]
Parameter tested at final test.
[2]
Parameter verified by parametric and functional validation.
10 Static characteristics
VCC_min ≤ (VCC - VSS) ≤ VCC_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Supply and I/O
IIH
Input current high
At VIH; SCLK/SCL
[1] 10
20
70
μA
IIL
Input current low
At VIL; SS_B
[1] –70
–20
–10
μA
IMISO_Lkg
MISO output leakage
[1] –5
—
5
μA
Iq
Supply current
VCC = 5.0 V
[1] —
—
8.0
mA
VCC_UV_F
Low-voltage detection threshold
VCC falling
[1] 2.64
2.74
2.84
V
VI_HYST
Input voltage hysteresis
SCLK/SCL, SS_B, MOSI
[2] 0.125
—
0.500
V
VIH
Input high voltage (at VCC = 3.3 V
SCLK/SCL, SS_B, MOSI
[1] 2.0
—
—
V
VIL
Input low voltage
SCLK/SCL, SS_B, MOSI
[1] —
—
1.0
V
VINT_OH
Output high voltage
I Load = –100 μA
[3] VCC – 0.35 —
VCC
V
VINT_OL
Output low voltage
I Load = 100 μA
[3] —
—
0.1
V
VOH
Output high voltage
MISO/SDA,
I Load = –1 mA
[1] VCC – 0.2
—
—
V
Temperature sensor signal chain
Table 104. Static characteristics
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
53 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com