Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FXPS7115D4_V02 Datasheet HTML 17Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 18Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 19Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 20Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 23Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 24Page - NXP Semiconductors FXPS7115D4_V02 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
If these conditions are met, the register write is executed and the device responds to the register write request
as shown in Section 7.5.3.2.2 "Register write response message format". Otherwise, no register is written and
the device responds with the error response as defined in Section 7.5.2 "SPI response format". The register is
not written until the transfer during which the register write was requested has been completed.
A register write command to a read-only register is not executable, but results in a valid response.
7.5.3.2.1 Register write command message format
MSB: bit 31; LSB: bit 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
16
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Register access command
Command
C[3:0]
Fixed bits:
must = 0h
Register address
Register data
8-bit CRC
1
0
0
0
0
0
0
0
RA[7:1]
RA[0]
RD[7:0]
CRC[7:0]
Table 17. Register write command message format
Bit field
Definition
C[3:0]
Register write command = '1000'
RA[7:0]
RA[7:1] contains the byte address of the register to be written
RD[7:0]
RD[7:0] contains the data byte to be written to address RA[7:0]
CRC[7:0]
8-bit CRC
Table 18. Register write command message bit field descriptions
7.5.3.2.2 Register write response message format
MSB: bit 31; LSB: bit 0
31 30 29 28 27
26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Register access command
Command
C[0], [3:1]
Basic
Status
Unused
Data
0h
Register data: contents
of RA[7:1] high byte
Register data: contents
of RA[7:1] low byte
8-bit CRC
0
1
0
0
ST[1:0]
0
0
RD[15:8]
RD[7:0]
CRC[7:0]
Table 19. Register write response message format
Bit field
Definition
C[0], [3:1]
Register Read Command = '0100'
ST[1:0]
Status
RD[15:8]
The contents of the register addressed by RA[7:1] high byte (RA[0] = 1)
RD[7:0]
The contents of the register addressed by RA[7:1] low byte (RA[0] = 0)
CRC[7:0]
8-bit CRC
Table 20. Register write response message bit field descriptions
7.5.3.3 Sensor data request commands
The device supports standard sensor data request commands. The sensor data request command format is
described in Section 7.5.3.3.1 "Sensor data request command message format". The response to a sensor
data request is shown in Section 7.5.3.3.2 "Sensor data request response message format". The response
is transmitted on the next SPI message subject to the error handling conditions specified in Section 7.5.5
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.1 — 7 June 2023
21 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com