Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMST4403 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PMST4403
Description  40 V, 600 mA PNP switching transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMST4403 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PMST4403 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMST4403
40 V, 600 mA PNP switching transistor
PMST4403
All information provided in this document is subject to legal disclaimers.
Product data sheet
1 August 2016
3 / 13
Tamb (°C)
-75
175
125
25
75
-25
aaa-018431
100
200
300
Ptot
(mW)
0
(1)
(1) FR4 PCB; standard footprint
Fig. 1. Power derating curve
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1]
-
-
625
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
aaa-018433
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth
(K/W)
1
duty cycle = 1
0
0.01
0.02
0.05
0.1
0.2
0.33
0.75
0.5
Mounted on FR4 PCB; standard footprint
Fig. 2. Transient thermal impedance as a function of pulse time; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com