Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMST4403 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMST4403
Description  40 V, 600 mA PNP switching transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMST4403 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMST4403 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PMST4403
40 V, 600 mA PNP switching transistor
1 August 2016
Product data sheet
1. General description
PNP switching transistor in a very small SOT323 (SC-70) Surface-Mounted Device (SMD) plastic
package.
NPN complement: PMST4401
2. Features and benefits
• General purpose switching transistor
• AEC-Q101 qualified
3. Applications
• Switching and linear amplification.
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
-40
V
IC
collector current
-
-
-600
mA
hFE
DC current gain
VCE = -2 V; IC = -150 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02 ; Tamb = 25 °C
100
-
300
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
1
2
3
SC-70 (SOT323)
sym132
E
C
B


Similar Part No. - PMST4403

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMST4403 PHILIPS-PMST4403 Datasheet
47Kb / 8P
PNP switching transistor
1999 Apr 22
PMST4403 NXP-PMST4403 Datasheet
130Kb / 7P
PNP switching transistor
1999 Apr 22
More results

Similar Description - PMST4403

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT4403 NXP-PZT4403_10 Datasheet
102Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03-2 March 2010
logo
Nexperia B.V. All right...
PMBT2227AYS-Q NEXPERIA-PMBT2227AYS-Q Datasheet
289Kb / 15P
40 V, 600 mA, NPN/PNP double switching transistor
10 March 2022
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
40 V, 600 mA, PNP switching transistor
5 March 2015
PMST2907A NEXPERIA-PMST2907A Datasheet
663Kb / 13P
60 V, 600 mA PNP switching transistor
12 August 2016
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
60 V, 600 mA, PNP switching transistor
3 August 2015
PZT4403 NEXPERIA-PZT4403 Datasheet
638Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03 - 2 March 2010
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AMB NEXPERIA-PMBT2222AMB Datasheet
221Kb / 12P
40 V, 600 mA NPN switching transistor
21 September 2018
PMBT2222AQA NEXPERIA-PMBT2222AQA Datasheet
242Kb / 14P
40 V, 600 mA NPN switching transistor
21 September 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com