Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMST4403 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PMST4403
Description  40 V, 600 mA PNP switching transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMST4403 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PMST4403 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMST4403
40 V, 600 mA PNP switching transistor
PMST4403
All information provided in this document is subject to legal disclaimers.
Product data sheet
1 August 2016
5 / 13
aaa-014458
200
400
600
hFE
0
IC (mA)
-10-1
-103
-102
-1
-10
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 3. DC current gain as a function of collector
current; typical values
VCE (V)
0
-2
-1.5
-0.5
-1
aaa-014459
-0.4
-0.6
-0.2
-0.8
-1
IC
(A)
0
IB = -23 mA
-20.7
-18.4
-16.1
-13.8
-11.5
-9.2
-6.9
-4.6
-2.3
Tamb = 25 °C
Fig. 4. Collector current as a function of collector-
emitter voltage; typical values
aaa-014475
-0.4
-0.8
-1.2
VBE
(V)
0
IC (mA)
-10-1
-103
-102
-1
-10
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 5. Base-emitter voltage as a function of collector
current; typical values
aaa-014476
-0.6
-0.8
-0.4
-1.0
-1.2
VBEsat
(V)
-0.2
IC (mA)
-10-1
-103
-102
-1
-10
(1)
(2)
(3)
IC/IB = 10
(1) Tamb = −55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 6. Base-emitter saturation voltage as a function of
collector current; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com