Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMST4403 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMST4403
Description  40 V, 600 mA PNP switching transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMST4403 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMST4403 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMST4403 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PMST4403
40 V, 600 mA PNP switching transistor
PMST4403
All information provided in this document is subject to legal disclaimers.
Product data sheet
1 August 2016
4 / 13
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = -40 V; IE = 0 A; Tamb = 25 °C
-
-
-50
nA
ICBO
collector-base cut-off
current
VCB = -40 V; IE = 0 A; Tj = 125 °C
-
-
-10
µA
IEBO
emitter-base cut-off
current
VEB = -5 V; IC = 0 A; Tamb = 25 °C
-
-
-50
nA
VCE = -1 V; IC = -0.1 mA; Tamb = 25 °C
30
-
-
VCE = -1 V; IC = -1 mA; Tamb = 25 °C
60
-
-
VCE = -1 V; IC = -10 mA; Tamb = 25 °C
100
-
-
VCE = -2 V; IC = -150 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02 ; Tamb = 25 °C
100
-
300
hFE
DC current gain
VCE = -2 V; IC = -500 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02 ; Tamb = 25 °C
20
-
-
IC = -150 mA; IB = -15 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-400
mV
VCEsat
collector-emitter
saturation voltage
IC = -500 mA; IB = -50 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-750
mV
IC = -150 mA; IB = -15 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-950
mV
VBEsat
base-emitter saturation
voltage
IC = -500 mA; IB = -50 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02 ; Tamb = 25 °C
-
-
-1.3
V
td
delay time
-
-
15
ns
tr
rise time
-
-
30
ns
ton
turn-on time
-
-
40
ns
ts
storage time
-
-
300
ns
tf
fall time
-
-
50
ns
toff
turn-off time
IC = -150 mA; IBon = -15 mA;
IBoff = 15 mA; Tamb = 25 °C
-
-
350
ns
CC
collector capacitance
VCB = -10 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
8.5
pF
CE
emitter capacitance
VEB = -500 mV; IC = 0 A; ic = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
35
pF
fT
transition frequency
VCE = -10 V; IC = -20 mA; f = 100 MHz;
Tamb = 25 °C
200
-
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com