Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS521
Description  Single high-voltage switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS521 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS521 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Nexperia
BAS521
Single high-voltage switching diode
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating Sytem (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
300
V
VR
reverse voltage
Tj = 25 °C
-
300
V
IF
forward current
Tsp ≤ 90 °C
[1]
-
250
mA
IFSM
non-repetitive peak
forward current
tp = 1 µs; square wave
[2]
-
4.5
A
IFRM
repetitive peak forward
current
tp = 1 ms; δ = 0.25
-
1
A
Ptot
total power dissipation
Tsp ≤ 90 °C
[1] [3]
-
500
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Tsp is the solder point temperature at the soldering point of the cathode tab.
[2] Tj = 25 °C prior to surge.
[3] Reflow soldering is the only recommended soldering method.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
In free air
[1] [2] -
-
500
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
[3]
-
-
120
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Reflow soldering is the only recommended soldering method.
[3] Soldering point of cathode tab.
BAS521
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
29 June 2018
3 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com