Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS521
Description  Single high-voltage switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS521 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS521 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BAS521
Single high-voltage switching diode
29 June 2018
Product data sheet
1. General description
Single high-voltage switching diode, fabricated in planar technology, and encapsulated in a
SOD523 (SC-79) ultra small Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• High switching speed: trr ≤ 50 ns
• High reverse voltage: VR ≤ 300 V
• Repetitive peak forward current: IFRM ≤ 1 A
• Ultra small SMD plastic package
• AEC-Q101 qualified
3. Applications
• High-speed switching
• High-voltage switching
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
Tsp ≤ 90 °C
[1]
-
-
250
mA
VRRM
repetitive peak reverse
voltage
-
-
300
V
VR
reverse voltage
Tj = 25 °C
-
-
300
V
VF
forward voltage
IF = 100 mA; tp = 300 µs; δ = 0.02;
pulsed
-
0.95
1.1
V
IR
reverse current
VR = 250 V
-
30
150
nA
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
IR(meas) = 3 mA
-
16
50
ns
[1] Tsp is the solder point temperature at the soldering point of the cathode tab.


Similar Part No. - BAS521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS521 PHILIPS-BAS521 Datasheet
59Kb / 8P
High voltage switching diode
2003 Aug 12
BAS521 NXP-BAS521 Datasheet
114Kb / 8P
High voltage switching diode
2003 Aug 12
logo
Diodes Incorporated
BAS521 DIODES-BAS521 Datasheet
89Kb / 4P
HIGH VOLTAGE SWITCHING DIODE
DS32175 Rev. 4 - 2
logo
Shenzhen Luguang Electr...
BAS521 LUGUANG-BAS521 Datasheet
271Kb / 4P
High voltage switching diode
logo
Continental Device Indi...
BAS521 CDIL-BAS521 Datasheet
336Kb / 3P
HIGH VOLTAGE SWITCHING DIODE
More results

Similar Description - BAS521

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
logo
Nexperia B.V. All right...
BAS21H NEXPERIA-BAS21H Datasheet
875Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com