Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS521
Description  Single high-voltage switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS521 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS521 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
BAS521
Single high-voltage switching diode
10. Characteristics
Table 7. Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)R
reverse breakdown
voltage
IR = 100 µA
300
340
-
V
VF
forward voltage
IF = 100 mA; tp = 300 µs; δ = 0.02;
pulsed
-
0.95
1.1
V
VR = 250 V
-
30
150
nA
IR
reverse current
VR = 250 V; Tamb = 150 °C
-
40
100
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
-
0.4
5
pF
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
IR(meas) = 3 mA
-
16
50
ns
0
0.5
1
1.5
IF
(mA)
VF (V)
500
0
400
300
200
100
mhc618
(2)
(1)
(3)
(1) Tamb = 150° C
(2) Tamb = 75° C
(3) Tamb = 25° C
Fig. 3. Forward current as a function of forward
voltage; typical values
200
0
40
80
120
IR
(µA)
160
Tj (°C)
102
10
1
10- 1
10- 2
mhc619
VR = VRmax
Fig. 4. Reverse current as a function of junction
temperature; typical values
BAS521
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
29 June 2018
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com