Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS521 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BAS521
Description  Single high-voltage switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS521 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BAS521 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS521 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Nexperia
BAS521
Single high-voltage switching diode
0
300
200
100
0
50
100
200
Tamb (°C)
150
IF
(mA)
mhc620
Fig. 5. Forward current as a function of ambient
temperature; derating curve
0
10
20
40
0.42
0.3
0.34
0.38
30
Cd
(pF)
VR (V)
mhc621
f = 1 MHz
Tamb = 25 °C
Fig. 6. Diode capacitance as a function of reverse
voltage; typical values
mbg703
10
1
102
IFSM
(A)
10- 1
tp (µs)
1
104
103
10
102
Based on square wave currents.
Tj = 25 °C prior to surge.
Fig. 7. Non-repetitive peak forward current as a function of pulse duration; maximum values
BAS521
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
29 June 2018
6 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com