Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55SGXY Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLP5LA55SGXY
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55SGXY Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLP5LA55SGXY Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
BLP5LA55SG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 7 April 2023
5 of 20
BLP5LA55SG
Power LDMOS transistor
7.2.2 Test circuit f = 380 MHz to 450 MHz
L4
inductor air core
~60 nH
L5
Inductor air core
~30 nH
L6
wire one turn
~0.3 nH
L7
square air core inductor
16.6 nH
0908SQ-17NJL
R1
axial resistor
51.1
R2
SMD
6.8
Size: 1206 (3216 metric)
R3
axial resistor
68.1
Table 9.
List of components …continued
See Figure 1 for component layout.
Component
Description
Value
Remarks
Printed-Circuit Board (PCB): Rogers RO4350B; height = 0.762 mm.
See Table 10 for a list of components.
Fig 2.
Component layout for test circuit f = 380 MHz to 450 MHz
Table 10.
List of components
See Figure 2 for component layout.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
240 pF
ATC 100B
C2
multilayer ceramic chip capacitor
18 pF
ATC 100B
C3
multilayer ceramic chip capacitor
1
F, 25 V
GRM31MR71E105KA01L
C4, C11
multilayer ceramic chip capacitor
100 nF
C1206C104K1RAC
C5
multilayer ceramic chip capacitor
75 pF
ATC 100B
C6
multilayer ceramic chip capacitor
120 pF
ATC 600F
C7
multilayer ceramic chip capacitor
62 pF
ATC 800B
AMPLEON
AMPLEON
C1
C3
L2
L3
R2
C7
C12
C11
C15
C13
C16
C17
C14
C2
C4
R1
L1
C5
C6
C8 C9
C10
C13
50 mm
76 mm
amp01863
50 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com