Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55SGXY Datasheet(PDF) 13 Page - Ampleon Netherlands B.V.

Part # BLP5LA55SGXY
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55SGXY Datasheet(HTML) 13 Page - Ampleon Netherlands B.V.

Back Button BLP5LA55SGXY Datasheet HTML 9Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 10Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 11Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 12Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 13Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 14Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 15Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 16Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 17Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
BLP5LA55SG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 7 April 2023
13 of 20
BLP5LA55SG
Power LDMOS transistor
7.3.4 1-Tone CW measurements (f = 520 MHz)
VDS = 13.6 V; IDq = 80 mA.
(1) f = 380 MHz
(2) f = 400 MHz
(3) f = 410 MHz
(4) f = 420 MHz
(5) f = 430 MHz
(6) f = 450 MHz
VDS = 13.6 V; IDq = 80 mA.
(1) f = 380 MHz
(2) f = 400 MHz
(3) f = 410 MHz
(4) f = 420 MHz
(5) f = 430 MHz
(6) f = 450 MHz
Fig 13. Power gain as a function of output power;
typical values
Fig 14. Output power as a function of input power;
typical values
amp01407
0
20
40
60
80
100
17
19
21
23
25
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
amp01408
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
30
50
70
90
Pi (W)
PL
PL
(W)
(W)
(W)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
VDS = 13.6 V; IDq = 100 mA.
VDS = 13.6 V; IDq = 100 mA.
Fig 15. Drain efficiency as a function of output power;
typical values
Fig 16. Power gain as a function of output power;
typical values
amp01409
15
25
35
45
55
65
40
50
60
70
80
PL (W)
ηD
ηD
(%)
(%)
(%)
amp01410
15
25
35
45
55
65
18
19
20
21
22
PL (W)
Gp
Gp
(dB)
(dB)
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com