Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55SGXY Datasheet(PDF) 14 Page - Ampleon Netherlands B.V.

Part # BLP5LA55SGXY
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55SGXY Datasheet(HTML) 14 Page - Ampleon Netherlands B.V.

Back Button BLP5LA55SGXY Datasheet HTML 10Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 11Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 12Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 13Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 14Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 15Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 16Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 17Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 18Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
BLP5LA55SG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 7 April 2023
14 of 20
BLP5LA55SG
Power LDMOS transistor
VDS = 13.6 V; IDq = 100 mA.
Fig 17. Output power as a function of input power; typical values
amp01411
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
15
25
35
45
55
65
Pi (W)
PL
PL
(W)
(W)
(W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com