Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP5LA55SGXY Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLP5LA55SGXY
Description  Power LDMOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP5LA55SGXY Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLP5LA55SGXY Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP5LA55SGXY Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
Product profile
1.1 General description
This 13.6 V 55 W device is designed for land mobile radio (LMR) applications supporting
the frequency range from HF up to 520 MHz.
1.2 Features and benefits
 High efficiency
 Integrated dual sided ESD protection
 Extreme ruggedness 65 : 1
 High power gain
 Excellent reliability
 Wideband
 High linearity
 For RoHS compliance see the product details on the Ampleon website
1.3 Applications
 TETRA, SSB and LTE mobile radio applications in VHF and UHF bands
 Wideband radio application, frequency range from 5 MHz to 30 MHz and from 30 MHz
to 512 MHz
BLP5LA55SG
Power LDMOS transistor
Rev. 1 — 7 April 2023
Product data sheet
Table 1.
Application performance
Typical RF performance at Tcase = 25 C; in a class-AB demo circuit.
Test signal
f
IDq
VDS
PL(AV)
Gp
D
RLin
(MHz)
(mA)
(V)
(W)
(dB)
(%)
(dB)
CW
145 to 165
893
15.0
63
>23.0
>66.4
7.8
380 to 450
80
13.6
55
>20.4
>62.3
6.3
520
100
13.6
55
19.6
75.0
15.3


Similar Part No. - BLP5LA55SGXY

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLP5LA55S AMPLEON-BLP5LA55S Datasheet
1Mb / 20P
Power LDMOS transistor
Rev. 3 ??16 July 2021
BLP5LA55SXY AMPLEON-BLP5LA55SXY Datasheet
1Mb / 20P
Power LDMOS transistor
Rev. 3 ??16 July 2021
BLP5LA55SZ AMPLEON-BLP5LA55SZ Datasheet
1Mb / 20P
Power LDMOS transistor
Rev. 3 ??16 July 2021
More results

Similar Description - BLP5LA55SGXY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com