Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

507M-01DWF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 507M-01DWF
Description  PECL CLOCK SYNTHESIZER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

507M-01DWF Datasheet(HTML) 1 Page - Renesas Technology Corp

  507M-01DWF Datasheet HTML 1Page - Renesas Technology Corp 507M-01DWF Datasheet HTML 2Page - Renesas Technology Corp 507M-01DWF Datasheet HTML 3Page - Renesas Technology Corp 507M-01DWF Datasheet HTML 4Page - Renesas Technology Corp 507M-01DWF Datasheet HTML 5Page - Renesas Technology Corp 507M-01DWF Datasheet HTML 6Page - Renesas Technology Corp 507M-01DWF Datasheet HTML 7Page - Renesas Technology Corp 507M-01DWF Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
PECL CLOCK SYNTHESIZER
ICS507-01
IDT™ / ICS™ PECL CLOCK SYNTHESIZER
1
ICS507-01
REV I 041905
Description
The ICS507-01 is an inexpensive, simple way to
generate a low jitter 155.52 MHz (or other high speed)
differential PECL clock output from a low frequency
crystal input. Using Phase-Locked-Loop (PLL)
techniques, the devices use a standard fundamental
mode crystal to produce output clocks up to 200 MHz.
Stored in each chip’s ROM is the ability to generate a
selection of different multiples of the input reference
frequency, including an exact 155.52 MHz clock from
common crystals. For lowest jitter and phase noise on
a 155.52 MHz clock, a 19.44 MHz crystal and the x8
selection can be used.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
Features
• Packaged in 16 pin SOIC
• Available in Pb (lead) free package
• Input crystal frequency of 5 - 27 MHz
• Input clock frequency of 5 - 52 MHz
• Enable usage of common low-cost crystal
• Differential PECL output clock frequencies up to 200
MHz
• Duty cycle of 49/51
• Operation voltage of 3.3 V or 5.0 V (±5%)
• Ideal for SONET applications and oscillator
manufacturers
• Available in die form
• Industrial temperature versions available
• ICS507-02 is no longer available
Block Diagram
GND
Clock
Synthesis
and Control
Circuitry
X1/ICLK
X2
Crystal or
clock input
Output resistors shown are for unterminated lines. Refer to MAN09 for additional information.
Clock
Buffer/
Crystal
Oscillator
VDD
2
Output Enable
(both outputs)
S0:1
270 ohm
62 ohm
62 ohm
270 ohm
VDD
PECL
PECL
1.1 kohm
RES


Similar Part No. - 507M-01DWF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
507MDCL112KHK ILLINOISCAPACITOR-507MDCL112KHK Datasheet
195Kb / 4P
Male/female lead styles - High voltage/current ??Low ESR
507MDCL112KKG ILLINOISCAPACITOR-507MDCL112KKG Datasheet
195Kb / 4P
Male/female lead styles - High voltage/current ??Low ESR
More results

Similar Description - 507M-01DWF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS507-01 ICST-ICS507-01 Datasheet
49Kb / 5P
PECL Clock Synthesizer
Revision 042600
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
800 MHz Low Voltage PECL Clock Synthesizer
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
Motorola, Inc
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_06 Datasheet
124Kb / 7P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
November, 2006 ??Rev. 2
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
800MHz Low Voltage PECL Clock Synthesizer
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_09 Datasheet
134Kb / 8P
3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
logo
Renesas Technology Corp
MPC9229 RENESAS-MPC9229 Datasheet
532Kb / 15P
400MHz Low Voltage PECL Clock Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com