Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASKQ Datasheet(PDF) 10 Page - ams AG

Part # ASKQ
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASKQ Datasheet(HTML) 10 Page - ams AG

Back Button ASKQ Datasheet HTML 6Page - ams AG ASKQ Datasheet HTML 7Page - ams AG ASKQ Datasheet HTML 8Page - ams AG ASKQ Datasheet HTML 9Page - ams AG ASKQ Datasheet HTML 10Page - ams AG ASKQ Datasheet HTML 11Page - ams AG ASKQ Datasheet HTML 12Page - ams AG ASKQ Datasheet HTML 13Page - ams AG ASKQ Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
10 - 17
AS1322
austriamicrosystems
Data Sheet
Powersave Operation (AS1322A)
Figure 18. Single AA Cell to ±3V Synchronous Boost Converter
Figure 19. Single AA Cell to 2.5V Synchronous Boost Converter
AS1322
R2
750k
Ω
1%
R1
1.02M
Ω
1%
On
Off
L1
4.7µH
AA
Battery
C1
4.7µF
C3
1µF
D1
VOUT2
-3V, 10mA
VOUT1
3V, 90mA
C2
4.7µF
C4
10µF
D2
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT
AS1322
C2
10µF
R2
1.02M
Ω
1%
R1
1.02M
Ω
1%
On
Off
L1
10µH
AA
Battery
C1
10µF
VOUT
2.5V, 230mA
D1
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com