Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASKQ Datasheet(PDF) 15 Page - ams AG

Part # ASKQ
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASKQ Datasheet(HTML) 15 Page - ams AG

Back Button ASKQ Datasheet HTML 9Page - ams AG ASKQ Datasheet HTML 10Page - ams AG ASKQ Datasheet HTML 11Page - ams AG ASKQ Datasheet HTML 12Page - ams AG ASKQ Datasheet HTML 13Page - ams AG ASKQ Datasheet HTML 14Page - ams AG ASKQ Datasheet HTML 15Page - ams AG ASKQ Datasheet HTML 16Page - ams AG ASKQ Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
15 - 17
AS1322
austriamicrosystems
Data Sheet
6. These dimensions apply to the flat section of the lead between 0.08 and 0.15mm from the lead tip.
7. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm total in excess of
the b dimension at the maximum material condition. The dambar cannot be located on the lower radius of the foot.
Minimum space between the protrusion and an adjacent lead shall not be less than 0.77mm.
Symbol
Min
Typ
Max
Notes
A1.00
A1
0.01
0.05
0.10
A2
0.84
0.87
0.90
b
0.30
0.45
6,7
b1
0.31
0.35
0.39
6,7
c
0.120.150.20
6
c1
0.08
0.13
0.16
6
D
2.90BSC
3,4
E
2.80BSC
3,4
E1
1.60BSC
3,4
e
0.95BSC
e1
1.90BSC
L
0.300.400.50
L1
0.60REF
L2
0.25BSC
N6
R0.10
R1
0.10
0.25
θ
0º
4º
8º
θ1
4º
10º
12º
Tolerances of Form and Position
aaa
0.15
1,2
bbb
0.25
1,2
ccc
0.10
1,2
ddd
0.20
1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com