Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASKQ Datasheet(PDF) 1 Page - ams AG

Part # ASKQ
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASKQ Datasheet(HTML) 1 Page - ams AG

  ASKQ Datasheet HTML 1Page - ams AG ASKQ Datasheet HTML 2Page - ams AG ASKQ Datasheet HTML 3Page - ams AG ASKQ Datasheet HTML 4Page - ams AG ASKQ Datasheet HTML 5Page - ams AG ASKQ Datasheet HTML 6Page - ams AG ASKQ Datasheet HTML 7Page - ams AG ASKQ Datasheet HTML 8Page - ams AG ASKQ Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AS1322
Low Vo ltage, Micropower, DC-DC Step-Up Converters
austriamicrosystems
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.03
1 - 17
1 General Description
The AS1322A and the AS1322B are synchronous, fixed
frequency, very high-efficiency DC-DC boost converters
capable of supplying 3.3V at 150mA from a single AA-
supply. Compact size and minimum external parts
requirements make these devices perfect for modern
portable devices.
High-speed switching frequency (1.2MHz) and internally
compensated PWM current mode design provide highly-
reliable DC-DC conversion, especially when driving
white LEDs.
The converters are available as the standard products
listed in Table 1.
The devices contain two internal MOSFET switches:
one NMOS switch and one PMOS synchronous rectifier.
Anti-ringing control circuitry reduces EMI by damping
the inductor in discontinuous mode, and the devices
exhibit extremely low quiescent current (< 1µA) in shut-
down.
The AS1322 is available in a 6-pin TSOT-23 package.
2 Key Features
!
95% Efficiency
!
Single-Cell Operation
!
Delivers 150mA @ 3.3V (from Single AA Cell)
!
Delivers 500mA @ 3.3V (from Two AA Cells)
!
Low Start-Up Voltage: 0.85V
!
High-Speed Fixed-Frequency: 1.2MHz
!
Internal PMOS Synchronous Rectifier
!
Automatic Powersave Operation (AS1322A)
!
Continuous Switching at Light Loads (AS1322B)
!
Anti-Ringing Control Minimizes EMI
!
Logic Controlled Shutdown (< 1µA)
!
Output Range: 2.5 to 5.0V
!
6-pin TSOT-23 Package
3 Applications
The AS1322 is ideal for low-power applications where
ultra-small size is critical as in medical diagnostic equip-
ment, hand-held instruments, pagers, digital cameras,
remote wireless transmitters, MP3 players, LCD bias
supplies, cordless phones, GPS receivers, and PC
cards.
Table 1. Standard Products
Model
Light Load Switching
AS1322A
Automatic Powersave Operation
AS1322B
Continuous Switching
AA Battery
AS1322
C2
10µF
R2
604k
Ω
1%
R1
1.02M
Ω
1%
On
Off
L1
10µH
C1
10µF
GND
2
SW
1
VOUT
3.3V
150mA
4
SHDNN
3
FB
6
VIN
5
VOUT
Figure 1. Typical Application Diagram – Single Cell to 3.3V Synchronous Boost Converter


Similar Part No. - ASKQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
Transmitter
logo
Mini-Circuits
ASK-1 MINI-ASK-1 Datasheet
141Kb / 2P
FREQUENCY MIXERS
ASK-1-KK81 MINI-ASK-1-KK81 Datasheet
288Kb / 2P
Frequency Mixer
ASK-1-KK81+ MINI-ASK-1-KK81+ Datasheet
288Kb / 2P
Frequency Mixer
ASK-1-X65 MINI-ASK-1-X65 Datasheet
234Kb / 2P
Frequency Mixer
More results

Similar Description - ASKQ

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
ams AG
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
Micropower Step-Up DC/DC Converters in ThinSOT
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com