Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASKQ Datasheet(PDF) 4 Page - ams AG

Part # ASKQ
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASKQ Datasheet(HTML) 4 Page - ams AG

  ASKQ Datasheet HTML 1Page - ams AG ASKQ Datasheet HTML 2Page - ams AG ASKQ Datasheet HTML 3Page - ams AG ASKQ Datasheet HTML 4Page - ams AG ASKQ Datasheet HTML 5Page - ams AG ASKQ Datasheet HTML 6Page - ams AG ASKQ Datasheet HTML 7Page - ams AG ASKQ Datasheet HTML 8Page - ams AG ASKQ Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
4 - 17
AS1322
austriamicrosystems
Data Sheet
Pin Descriptions
6 Electrical Characteristics
TAMB = -40 to +85ºC, VIN = +1.2V, VOUT = +3.3, VSHDNN = +1.2V (unless otherwise specified). Typ values @ TAMB = +25ºC.
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Minimum Start-Up Voltage
ILOAD = 1mA
0.85
1
V
Minimum Operating Voltage
SHDNN = VIN
1
1. Minimum VIN operation after start-up is only limited by the battery’s ability to provide the necessary power as it
enters a deeply discharged state.
0.66
0.85
V
Output Voltage Adjust Range
TAMB = 25ºC
2.5
5
V
VFB
Feedback Voltage
TAMB = TMIN to TMAX
1.192
1.23
1.268
V
IFB
Feedback Input Current
VFB = 1.25V
2
2. Specification is guaranteed by design and not 100% production tested.
1
nA
IQPWS
Quiescent Current
(Powersave Operation)
VFB = 1.4V
3
, AS1322A only
3. IQPWS is measured at VOUT. Multiply this value by VOUT/VIN to get the equivalent input (battery) current.
30
50
µA
IQSHDNN
Quiescent Current (Shutdown)
VSHDNN = 0V
0.01
1
µA
IQ
Quiescent Current (Active)
VFB = 1.4V
3
, AS1322B only
150
300
µA
INMOSSWL
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
IPMOSSWL
PMOS Switch Leakage
VSW = 0V
0.1
5
µA
RONNMOS
NMOS Switch On Resistance
VOUT = 3.3V
0.35
0.8
Ω
VOUT = 5V
0.20
0.7
RONPMOS
PMOS Switch On Resistance
VOUT = 3.3V
0.45
0.8
Ω
VOUT = 5V
0.30
0.7
INMOS
NMOS Current Limit
VIN = 2.5V
850
mA
IPS
Powersave Operation Current
Threshold
AS1322A only
2
3
mA
Max Duty Cycle
VFB = 1V, TAMB = TMIN to TMAX
80
87
%
fSW
Switching Frequency
TAMB = 25ºC
0.95
1.2
1.5
MHz
TAMB = TMIN to TMAX
0.85
1.2
1.5
VSHDNNH
SHDNN Input High
1
V
VSHDNNL
SHDNN Input Low
0.35
V
ISHDNN
SHDNN Input Current
VSHDNN = 5.0V
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com