Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC74 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74ALVC74 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Nexperia
74ALVC74
Dual D-type flip-flop with set and reset; positive-edge trigger
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1RD
1
asynchronous reset-direct input (active-LOW)
1D
2
data input
1CP
3
clock input (LOW-to-HIGH), edge-triggered
1SD
4
asynchronous set-direct input (active-LOW)
1Q
5
true flip-flop output
1Q
6
complement flip-flop output
GND
7
ground (0 V)
2Q
8
complement flip-flop output
2Q
9
true flip-flop output
2SD
10
asynchronous set-direct input (active-LOW)
2CP
11
clock input (LOW-to-HIGH), edge-triggered
2D
12
data input
2RD
13
asynchronous reset-direct input (active-LOW)
VCC
14
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; ↑ = LOW-to-HIGH clock transition;
nQn+1 = state after the next LOW-to-HIGH CP transition
Input
Output
nSD
nRD
nCP
nD
nQ
nQ
nQn+1
nQ n+1
L
H
X
X
H
L
-
-
H
L
X
X
L
H
-
-
L
L
X
X
H
H
-
-
H
H
↑
L
-
-
L
H
H
H
↑
H
-
-
H
L
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+4.6
V
VI
input voltage
[1]
-0.5
+4.6
V
[1]
-0.5
VCC + 0.5 V
VO
output voltage
Power-down mode; VCC = 0 V
[1]
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
74ALVC74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 27 July 2021
5 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com