Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC74 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ALVC74 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74ALVC74
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 6 — 27 July 2021
Product data sheet
1. General description
The 74ALVC74 is a dual positive edge triggered, D-type flip-flop. It has individual data (nD) inputs,
clock (nCP) inputs, set (nSD) and (nRD) inputs, and complementary nQ and nQ outputs.
The set and reset are asynchronous active LOW inputs that operate independently of the clock
input. Information on the data input is transferred to the nQ output on the LOW-to-HIGH transition
of the clock pulse. The nD inputs must be stable one set-up time prior to the LOW-to-HIGH clock
transition, for predictable operation. Schmitt-trigger action in the clock input makes the circuit highly
tolerant to slower clock rise and fall times.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 3.6 V
• Complies with JEDEC standard:
• JESD8-7 (1.65 to 1.95 V)
• JESD8-5 (2.3 to 2.7 V)
• JESD8B (2.7 to 3.6 V)
• 3.6 V tolerant inputs/outputs
• CMOS low power consumption
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C


Similar Part No. - 74ALVC74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC74 PHILIPS-74ALVC74 Datasheet
103Kb / 20P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 May 26
74ALVC74BQ PHILIPS-74ALVC74BQ Datasheet
103Kb / 20P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 May 26
74ALVC74D PHILIPS-74ALVC74D Datasheet
103Kb / 20P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 May 26
74ALVC74PW PHILIPS-74ALVC74PW Datasheet
103Kb / 20P
Dual D-type flip-flop with set and reset; positive-edge trigger
2003 May 26
More results

Similar Description - 74ALVC74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
Dual D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
Dual D-type flip-flop with set and reset positive-edge trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
Dual D-type flip-flop with set and reset; positive edge-trigger
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
Dual D-type flip-flop with set and reset; positive-edge trigger
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com