Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC74 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVC74 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
74ALVC74
Dual D-type flip-flop with set and reset; positive-edge trigger
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74ALVC74D
-40 °C to +85 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74ALVC74PW
-40 °C to +85 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74ALVC74BQ
-40 °C to +85 °C
DHVQFN14 plastic dual in-line compatible thermal
enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 × 3 × 0.85 mm
SOT762-1
4. Functional diagram
Q
1Q
SD
RD
2Q
1D
2D
1CP
2CP
5
9
2
12
3
11
1Q
2Q
6
8
Q
FF
1RD 2RD
1 13
1SD 2SD
4 10
D
CP
aaa-008836
Fig. 1. Logic symbol
aaa-008837
4
3
2
1
10
9
8
5
S
C1
1D
R
S
C2
2D
R
6
11
12
13
Fig. 2. IEC logic symbol
74ALVC74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 27 July 2021
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com