Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74ALVC74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC74 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVC74 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Nexperia
74ALVC74
Dual D-type flip-flop with set and reset; positive-edge trigger
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
nCP; HIGH or LOW; see Fig. 8
VCC = 1.65 to 1.95 V
2.5
0.9
-
ns
VCC = 2.3 to 2.7 V
2.5
0.6
-
ns
VCC = 2.7 V
2.5
1.3
-
ns
VCC = 3.0 V to 3.6 V
2.5
1.3
-
ns
nSD or nRD; LOW; see Fig. 9
VCC = 1.65 to 1.95 V
2.5
0.9
-
ns
VCC = 2.3 to 2.7 V
2.5
0.9
-
ns
VCC = 2.7 V
2.5
1.0
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
2.5
0.7
-
ns
nRD to nCP; see Fig. 9
VCC = 1.65 to 1.95 V
0.7
−0.2
-
ns
VCC = 2.3 to 2.7 V
0.7
−0.1
-
ns
VCC = 2.7 V
0.7
−0.1
-
ns
trec
recovery time
VCC = 3.0 V to 3.6 V
0.7
−0.1
-
ns
nD to nCP; see Fig. 8
VCC = 1.65 to 1.95 V
1.2
0.6
-
ns
VCC = 2.3 to 2.7 V
1.2
0.8
-
ns
VCC = 2.7 V
1.1
0.5
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
0.8
0.4
-
ns
nD to nCP; see Fig. 8
VCC = 1.65 to 1.95 V
0.6
−0.4
-
ns
VCC = 2.3 to 2.7 V
0.6
−0.3
-
ns
VCC = 2.7 V
0.7
−0.4
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
0.8
−0.1
-
ns
nCP; see Fig. 8
VCC = 1.65 to 1.95 V
150
275
-
MHz
VCC = 2.3 to 2.7 V
200
325
-
MHz
VCC = 2.7 V
250
375
-
MHz
fmax
maximum frequency
VCC = 3.0 V to 3.6 V
300
425
-
MHz
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC; VCC = 3.3 V [3]
-
35
-
pF
[1] Typical values are measured at Tamb = 25 °C.
Typical values are measured at VCC = 1.8 V for VCC = 1.65 V to 1.95 V.
Typical values are measured at VCC = 2.5 V for VCC = 2.3 V to 2.7 V.
Typical values are measured at VCC = 3.3 V for VCC = 3.0 V to 3.6 V
[2] tpd is the same as tPHL and tPLH.
[3] CPD is used to determine the dynamic power dissipation PD = CPD x VCC 2 x fi x N + Σ (CL x VCC 2 x fo), where:
PD in μW
fi = input frequency in MHz;
fo = output frequency in MHz;
N = total load switching outputs
Σ (CL x VCC 2 x fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
74ALVC74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 27 July 2021
8 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com