Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5Z Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # MM5Z
Description  Voltage regulator diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM5Z Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  MM5Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Nexperia
MM5Z series
Voltage regulator diodes
Table 9. Electrical characteristics per type: MM5Z27VT5G to MM5Z36VT5G
Tj = 25 °C unless otherwise specified.
Working voltage
VZ (V)
Differential
resistance
rdiff (Ω)
Temperature
coefficient
SZ (mV/K)
IZ =2 mA
Reverse current
IR (µA)
IZ = 0.5
mA
IZ = 2
mA
IZ = 2 mA
Diode
capacitance
Cd (pF)[1]
MM5ZxxxT5G
Min
Max
Max
VR (V) Max
Max
Min
Max
Max
27V
26.46
27.54
0.05
18.9
300
80
21.4
25.3
50
30V
29.40
30.60
0.05
21.0
300
80
24.4
29.4
50
33V
32.34
33.66
0.05
23.1
325
80
27.4
33.4
45
36V
35.28
36.72
0.05
25.2
350
90
30.4
37.4
45
[1] f = 1 MHz; VR = 0 V
aaa-028550
VF (V)
0.4
1.0
0.8
0.6
1
10-2
10-1
102
10
103
IF
(mA)
10-3
Tj = 25 ° C
Fig. 1. Forward current as a function of forward
voltage; typical values (MM5Z2V4T5G)
aaa-028551
VF (V)
0.4
1.0
0.8
0.6
1
10-2
10-1
102
10
103
IF
(mA)
10-3
Tj = 25 ° C
Fig. 2. Forward current as a function of forward
voltage; typical values (MM5Z6V8T5G)
aaa-028552
VF (V)
0.4
1.0
0.8
0.6
1
10-2
10-1
102
10
103
IF
(mA)
10-3
Tj = 25 ° C
Fig. 3. Forward current as a function of forward
voltage; typical values (MM5Z7V5T5G)
IZ (mA)
10- 1
102
10
1
mld444
- 1
- 0.5
- 1.5
0
0.5
SZ
(mV/K)
- 2
2V4
4V7
4V3
3V9
3V6
3V3
3V0
2V7
Tj = 25 °C to 150 °C
Fig. 4. Temperature coefficient as a function of
working current; typical values (MM5Z2V4T5G
to 4V7T5G)
MM5Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 7 April 2021
5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com