Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5Z Datasheet (PDF) - Nexperia B.V. All rights reserved

MM5Z Datasheet PDF - Nexperia B.V. All rights reserved
Part # MM5Z
Download  MM5Z Download
File Size   277.31 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

MM5Z Datasheet (PDF)

Go To PDF Page Download Datasheet
MM5Z Datasheet PDF - Nexperia B.V. All rights reserved

Part # MM5Z
Download  MM5Z Click to download

File Size   277.31 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

MM5Z Datasheet (HTML) - Nexperia B.V. All rights reserved


MM5Z Product details

1. General description
General-purpose Zener diodes in an SOD523 (SC-79) ultra small flat lead Surface-Mounted Device
(SMD) plastic package.

2. Features and benefits
• Non-repetitive peak reverse power disspation: ≤ 40 W
• Total power dissipation: ≤ 300 mW
• Tolerance series: ± 2 %
• Wide working voltage range: nominal 2.4 V to 36 V
• Low differential resistance

3. Applications
• General regulation functions




Similar Part No. - MM5Z

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MM5Z DGNJDZ-MM5Z Datasheet
102Kb / 4P
SILICON PLANAR ZENER DIODES
logo
SeCoS Halbleitertechnol...
MM5Z SECOS-MM5Z Datasheet
76Kb / 4P
100 mW, SOD-523 Series Surface Mount Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MM5Z10 SEMTECH_ELEC-MM5Z10 Datasheet
266Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM5Z10 HTSEMI-MM5Z10 Datasheet
639Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM5Z10 DGNJDZ-MM5Z10 Datasheet
102Kb / 4P
SILICON PLANAR ZENER DIODES
More results


Similar Description - MM5Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
208Kb / 4P
VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B6V2,215 NXP-BZX84-B6V2,215 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C_15 Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Nexperia B.V. All right...
SZMM3Z_SER NEXPERIA-SZMM3Z_SER Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 3 - 20 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com