Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5Z Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # MM5Z
Description  Voltage regulator diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM5Z Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button MM5Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Nexperia
MM5Z series
Voltage regulator diodes
mld445
4
0
8
12
SZ
(mV/K)
- 4
IZ (mA)
10- 1
102
10
1
15
13
12
11
10
9V1
5V6
5V1
8V2
7V5
6V8
6V2
Tj = 25 °C to 150 °C
Fig. 5. Temperature coefficient as a function of
working current; typical values (MM5Z5V1T5G
to 15VT5G)
aaa-006665
10-1
10-2
10-3
10-4
10-5
10-6
10-7
10-8
IR
(A)
10-9
VR (V)
0
8
6
2
4
2V4
2V7
3V0
3V3
3V6 3V9
4V3 4V7 5V1
5V6
6V2
6V8
Tj = 25 °C
Fig. 6. Reverse current as a function of reverse
voltage; typical values (MM5Z2V4T5G to
6V8T5G)
aaa-006666
IR
(A)
10-5
10-7
10-6
10-2
10-3
10-4
10-1
10-8
VR (V)
0
25
15
20
5
10
7V5
8V2
9V1
10
11
12
13
15
16
18
20
22
24
Tj = 25 °C
Fig. 7. Reverse current as a function of reverse
voltage; typical values (MM5Z7V5T5G to
24VT5G)
aaa-032242
10-1
10-2
10-3
10-4
10-5
10-6
10-7
10-8
IR
(A)
10-9
VR (V)
20
40
36
28
32
24
27
30
33
36
Tj = 25 °C
Fig. 8. Reverse current as a function of reverse
voltage; typical values (MM5Z27VT5G to
36VT5G)
MM5Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 7 April 2021
6 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com