Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5Z Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # MM5Z
Description  Voltage regulator diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM5Z Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  MM5Z Datasheet HTML 1Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM5Z Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
MM5Z series
Voltage regulator diodes
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
MM5Z2V4T5G to
MM5Z36VT5G[1]
SC-79
plastic surface-mounted package; 2 leads
SOD523
[1] The series consists of 29 types with nominal working voltages from 2.4 V to 36 V.
7. Marking
Table 4. Marking Codes
Type number
Marking Code
Type number
Marking Code
MM5Z2V4T5G
C1
MM5Z10VT5G
E6
MM5Z2V7T5G
C2
MM5Z11VT5G
E7
MM5Z3V0T5G
C3
MM5Z12VT5G
E8
MM5Z3V3T5G
C4
MM5Z13VT5G
E9
MM5Z3V6T5G
C5
MM5Z15VT5G
E0
MM5Z3V9T5G
C6
MM5Z16VT5G
EA
MM5Z4V3T5G
C7
MM5Z18VT5G
EB
MM5Z4V7T5G
C8
MM5Z20VT5G
EC
MM5Z5V1T5G
C9
MM5Z22VT5G
ED
MM5Z5V6T5G
C0
MM5Z24VT5G
EE
MM5Z6V2T5G
E1
MM5Z27VT5G
EF
MM5Z6V8T5G
E2
MM5Z30VT5G
EG
MM5Z7V5T5G
E3
MM5Z33VT5G
EH
MM5Z8V2T5G
E4
MM5Z36VT5G
EK
MM5Z9V1T5G
E5
-
-
MM5Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 7 April 2021
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com