Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AFILF Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ICS1893AFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AFILF Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ICS1893AFILF Datasheet HTML 35Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 36Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 37Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 38Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 39Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 40Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 41Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 42Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 137 page
background image
Chapter 7
Functional Blocks
ICS1893AF, Rev. D 10/26/04
October, 2004
39
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
The ISO/IEC-defined priority table determines the established link type. As a simpler alternative, the STA
can read the QuickPoll Detailed Status Register and determine the link type from the Data Rate bit (bit
17.15) and the Duplex bit (bit 17.14). For convenience, the QuickPoll Register also includes the Link Status
bit (bit 17.0) and the Auto-Negotiation Complete bit (bit 17.4).
If (1) the auto-negotiation process does not complete, or (2) the link is not established, or (3) both the
auto-negotiation process does not complete and the link is not established, then the STA can determine the
cause of the link failure by using the outputs of the ICS1893AF Auto-Negotiation Progress Monitor.
The Auto-Negotiation Progress Monitor provides the STA with four status bits of data to indicate both the
history and the present state of the auto-negotiation process. This status data is provided in the QuickPoll
Detailed Status register by using the Auto-Negotiation Complete bit (bit 17.4) as well as bits 17.13:11. The
bit order, from most-significant bit to least-significant bit, is 17.4, 17.13, 17.12, and 17.11. Using these four
bits, the Auto-Negotiation Progress Monitor provides nine state codes detailing the operation of the
auto-negotiation process for the STA. [For more information, see Section 8.12.3, “Auto-Negotiation
Progress Monitor (bits 17.13:11)”.]
The nine Auto-Negotiation Progress Monitor state codes are 0h through 8h and Fh. The Auto-Negotiation
Progress Monitor automatically latches the values of the Auto-Negotiation Arbitration State Machine into
the status bits only if the value of the present state is greater than the value that is currently in the status
bits.
For example, if the status bits have a value of 3h and the auto-negotiation process moves into:
• State 1, the Auto-Negotiation Progress Monitor does not update the status bits to indicate the new state.
• State 5, the Auto-Negotiation Progress Monitor updates the status bits to indicate the new state, State 5.
In this case, the status bits increase in value until either the auto-negotiation process successfully
completes or the STA reads the Auto-Negotiation Progress Monitor status bits.
When the STA reads the status bits, the present state of the auto-negotiation process is automatically
latched into the status bits, regardless of how they compare to the value currently in the latch. However,
the read presents the STA with the previously latched values of the status bits, not the values just latched
into the status register by the read. Therefore, the STA must perform two reads of the status bits to
determine the present state of the Auto-Negotiation Arbitration State Machine.
The first read provides a ’history’ of the auto-negotiation process, (that is, the highest state achieved by
the auto-negotiation process). The second read provides the present state of the auto-negotiation
process. This behavior allows management to determine the greatest forward progress made by the
auto-negotiation logic, which is valuable for diagnosing link errors and failures.
Note:
Once the auto-negotiation process completes successfully, the value of all the Progress Monitor
status bits and the Auto-Negotiation Complete bit have a value of logic one. A read operation of the
QuickPoll Register provides a value of logic one for the Auto-Negotiation Complete bit and an octal
value of 111 for the status bits.
Subsequent reads of the QuickPoll Register also provide a value of logic one for the
Auto-Negotiation Complete bit. However, the value of the status bits are 000b, providing the link
remains established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com