Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AFILF Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # ICS1893AFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AFILF Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button ICS1893AFILF Datasheet HTML 60Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 61Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 62Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 63Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 64Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 65Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 66Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 67Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 137 page
background image
ICS1893AF, Rev D 10/26/04
October, 2004
64
Chapter 8
Management Register Set
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
8.3.2
100Base-TX Full Duplex (bit 1.14)
The STA reads this bit to learn if the ICS1893AF can support 100Base-TX, full-duplex operations. The
ISO/IEC specification requires that the ICS1893AF must set bit 1.14 to logic:
• Zero if it cannot support 100Base-TX, full-duplex operations.
• One if it can support 100Base-TX, full-duplex operations. (For the ICS1893AF, the default value of bit
1.14 is logic one, in that the ICS1893AF supports 100Base-TX, full-duplex operations.)
Bit 1.14 is a Command Override Write bit, which allows an STA to alter the default value of this bit. [See the
description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16: Extended
Control Register”.]
8.3.3
100Base-TX Half Duplex (bit 1.13)
The STA reads this bit to learn if the ICS1893AF can support 100Base-TX, half-duplex operations. The
ISO/IEC specification requires that the ICS1893AF must set bit 1.13 to logic:
• Zero if it cannot support 100Base-TX, half-duplex operations.
• One if it can support 100Base-TX, half-duplex operations. (For the ICS1893AF, the default value of bit
1.13 is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the
ICS1893AF supports 100Base-TX, half-duplex operations.)
This bit 1.13 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.4
10Base-T Full Duplex (bit 1.12)
The STA reads this bit to learn if the ICS1893AF can support 10Base-T, full-duplex operations. The
ISO/IEC specification requires that the ICS1893AF must set bit 1.12 to logic:
• Zero if it cannot support 10Base-T, full-duplex operations.
• One if it can support 10Base-T, full-duplex operations. (For the ICS1893AF, the default value of bit 1.12
is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1893AF
supports 10Base-T, full-duplex operations.)
This bit 1.12 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.5
10Base-T Half Duplex (bit 1.11)
The STA reads this bit to learn if the ICS1893AF can support 10Base-T, half-duplex operations. The
ISO/IEC specification requires that the ICS1893AF must set bit 1.11 to logic:
• Zero if it cannot support 10Base-T, half-duplex operations.
• One if it can support 10Base-T, half-duplex operations. (For the ICS1893AF, the default value of bit 1.11
is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1893AF
supports 10Base-T, half-duplex operations.)
Bit 1.11 of the ICS1893AF Status Register is a Command Override Write bit., which allows an STA to alter
the default value of this bit. [See the description of bit 16.15, the Command Override Write Enable bit, in
Section 8.11, “Register 16: Extended Control Register”.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com