Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AFILF Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS1893AFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AFILF Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS1893AFILF Datasheet HTML 11Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 12Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 13Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 14Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 15Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 16Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 17Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 18Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 137 page
background image
Chapter 3
Typical ICS1893AF Applications
ICS1893AF, Rev. D 10/26/04
October, 2004
15
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
– Hardwired for Node configuration (NOD/REP pin removed, tied internally to VSS). Node
configuration enables the 10M SQE test default setting and causes CRS to be asserted for either
transmit or receive activity in half duplex, or for just receive activity when in full duplex.
– Hardwired for Software mode (HW/SW pin removed, tied internally to VDD).
– Hardwired for MII interface only. (MII/SI pin removed, tied internally to VSS). In this configuration the
10baseT serial and 100baseTX 5 bit symbol interfaces are NOT supported. Applications requiring
these interfaces should use ICS1893Y-10.
• In the software control configuration the 10/100, DPXSEL and ANSEL pins are outputs.
– DPXEL pin is not brought out.
– ANSEL pin is not brought out.
– 10/100 pin is brought out to indicate 100M operation. Some applications use this output to drive an
LED indicating 100M operation.
• Pins LSTA (link status) and LOCK (rec. PLL locked) are not brought out.
– LSTA and LOCK provided redundant information already available with the P2LI pin. P2LI indicates
the Link is valid.
• Input pin TXER is removed and tied low inside the package. The TXER function is still available by using
the Extended Control Register Reg 16 Bit 2. Most applications tied the TXER pin to VSS.
3.2
ISC1893AF Shared Features
• The same silicon die is used in the ICS1893AF and ICS1893Y-10
– Only the package type is different.
• The ICS1893AF offers the same.35
µ 3.3V low power operation.
• Parametric specifications and timing diagrams are the same as ICS1893Y-10.
• Both the ICS1893Y-10 and the ICS1893AF incorporate Digital Signal Processing in their PMD Sub layer,
thereby allowing them to transmit and receive data with Unshielded Twisted Pair (UTP) Category 5
cables up to 150 meters in length. In addition, this ICS-patented technology enables the ICS1893Y-10
ICS1893AF to address the effects of Baseline Wander correction.
• Both ICS1893AF and ICS1893Y-10 have improved 10Base-T Squelch operation.
• The ICS1893AF uses the same twisted pair transmitter and receive circuits and therefore the same
recommended board layout techniques apply.
• Both share improved transmit circuits resulting in a decrease in the magnitude of the 10Base-T harmonic
content generated during transmission (reference ISO/IEC 8802-3: 1993 Clause 8.3.1.3).
• Both use digital PLL technology resulting in lower jitter and improved stability.
• The MDIO Maintenance interface with the MDIO and MDC pins along with all internal registers are
preserved in the ICS1893AF. This enables software configuring for FD/HD, 10Base-T, 100Base-TX and
Auto-Negotiation to be configurable by the MDIO maintenance interface. Default setting is
Auto-Negotiation Enable. All register settings are the same as in the ICS1893AF datasheet.
• The ICS1893AF preserves the dual-purpose LED/Phy Address control pins as in the ICS1893Y-10. The
captured address seeds the scrambler for lower EMI in for multiple Phy applications.
• All Auto-Negotiation features are preserved in the ICS1893AF. The reset default mode is A_N enabled.
The A_N parallel detect feature is preserved for legacy interoperability.
• Both support Management Frame (MF) Preamble Suppression.
• Both support backward compatibility with the ICS1890 Management Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com