Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AFILF Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # ICS1893AFILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AFILF Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button ICS1893AFILF Datasheet HTML 96Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 97Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 98Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 99Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 100Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 101Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 102Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 103Page - Renesas Technology Corp ICS1893AFILF Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 137 page
background image
ICS1893AF, Rev D 10/26/04
October, 2004
100
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
9.2.1
Transformer Interface Pins
The tables in this section list the ICS1893AF pins by their functional grouping.
Table 9-5 lists the pins for the transformer interface group of pins.
Table 9-4.
Configuration Pins
Signal Name
Pin No.
Signal Description
10/100
9
Output Indication, High=100baseTX Operation
100TCSR
16
100M Transmit Current Set Resistors (See Figure X)
10TCSR
15
10M Transmit Current Set Resistor
REFIN
47
Frequency Reference Input: 25 MHz Input Clock or Crystal
RFOUT
46
Frequency Reference Output for Crystal
RESETn
22
System Reset (active low)
Table 9-5.
Transformer Interface Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
TP_RXN
19
Input
Twisted-Pair Receive (Data) Negative.
Within this table, see the description at the TP_RXP pin.
TP_RXP
18
Input
Twisted-Pair Receive (Data) Positive.
Data reception of differential analog signals occurs over the TP_RXN
and TP_RXP pair of differential-signal pins. Together these pins receive
the serial bit stream from the UTP cable through an isolation
transformer.
Depending on the operating mode of the remote link partner, the
received data is one of the following types of signals:
• Two-level 10Base-T (that is, Manchester-encoded) signals
• Three-level 100Base-TX, (that is, MLT-3 encoded) signals
The TP_RXN and TP_RXP pins interface directly to an isolation
transformer, which in turn, interfaces with the UTP cable.
TP_TXN
13
Output
Twisted-Pair Transmit (Data) Negative.
Within this table, see the description at the TP_TXP pin.
TP_TXP
12
Output
Twisted-Pair Transmit (Data) Positive.
Differential analog signal transmission occurs over the TP_TXN and
TP_TXP pair of pins. Together these pins drive the serial bit stream
over the UTP cable.
Depending on the operating mode of the ICS1893AF MDI, the
current-driven differential driver produces one of the following types of
signals:
• Two-level 10Base-T (that is, Manchester-encoded) signals
• Three-level 100Base-T (that is, MLT-3 encoded) signals
The TP_RXN and TP_RXP pins interface directly to an isolation
transformer, which in turn, drives the UTP cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com