Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R3 Datasheet(PDF) 66 Page - ATMEL Corporation

Part # T48C862-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R3 Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button T48C862-R3 Datasheet HTML 62Page - ATMEL Corporation T48C862-R3 Datasheet HTML 63Page - ATMEL Corporation T48C862-R3 Datasheet HTML 64Page - ATMEL Corporation T48C862-R3 Datasheet HTML 65Page - ATMEL Corporation T48C862-R3 Datasheet HTML 66Page - ATMEL Corporation T48C862-R3 Datasheet HTML 67Page - ATMEL Corporation T48C862-R3 Datasheet HTML 68Page - ATMEL Corporation T48C862-R3 Datasheet HTML 69Page - ATMEL Corporation T48C862-R3 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
66
T48C862-R3
4554A–4BMCU–02/03
Timer 3 Capture Register The counter content can be read via the capture register. There are two ways to use the
capture register. In modes 1 and 4, it is possible to read the current counter value
directly out of the capture register. In the capture modes 2, 3, 5 and 12, a capture event
like an edge at the Timer 3 input or a signal from Timer 2 stores the current counter
value into the capture register. This counter value can be read from the capture register.
Timer 3 CaPture Register
(T3CP) Byte Read
Address: "B"hex - Subaddress: "4"hex
Synchronous Serial Interface (SSI)
SSI Features:
With Timer 1:
2- and 3-wire NRZ
2-wire mode multi-chip link mode (MCL), additional internal 2-wire link for
multi-chip packaging solutions
With Timer 2:
Biphase modulation
Manchester modulation
Pulse-width demodulation
Burst modulation
With Timer 3:
Pulse-width modulation (PWM)
FSK modulation
Biphase demodulation
Manchester demodulation
Pulse-width demodulation
Pulse position Demodulation
High Nibble
First read cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
Low Nibble
Second read cycle
Bit 3
Bit 2
Bit15
Bit 0
Reset value: xxxxb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com