Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R3 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # T48C862-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R3 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button T48C862-R3 Datasheet HTML 7Page - ATMEL Corporation T48C862-R3 Datasheet HTML 8Page - ATMEL Corporation T48C862-R3 Datasheet HTML 9Page - ATMEL Corporation T48C862-R3 Datasheet HTML 10Page - ATMEL Corporation T48C862-R3 Datasheet HTML 11Page - ATMEL Corporation T48C862-R3 Datasheet HTML 12Page - ATMEL Corporation T48C862-R3 Datasheet HTML 13Page - ATMEL Corporation T48C862-R3 Datasheet HTML 14Page - ATMEL Corporation T48C862-R3 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
11
T48C862-R3
4554A–4BMCU–02/03
Figure 8. ESD Protection Circuit
CLK
PA_ENABLE
ANT2
ANT1
XTAL
ENABLE
VS
GND
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Unit
Supply voltage
V
S
5V
Power dissipation
P
tot
100
mW
Junction temperature
T
j
150
°C
Storage temperature
T
stg
-55
+125
°C
Ambient temperature
T
amb
-55
+125
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
170
K/W
Electrical Characteristics
V
S = 2.0 V to 4.0 V, Tamb = -40°C to +125°C, unless otherwise specified.
Typical values are given at V
S = 3.0 V and Tamb = 25°C. All parameters are referred to GND (Pin 7).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
Power down,
V
ENABLE < 0.25 V, -40°C to +85°C
V
PA-ENABLE < 0.25 V, -85°C to +125°C
VPA-ENABLE < 0.25 V, 25°C
(100% correlation tested)
I
S_Off
<10
350
7
nA
µA
nA
Supply current
Power up, PA off, V
S = 3 V
VENABLE > 1.7 V, VPA-ENABLE <0.25 V
IS
3.7
4.8
mA
Supply current
Power up, VS = 3.0 V
V
ENABLE > 1.7 V, VPA-ENABLE >1.7 V
I
S_Transmit
911.6
mA
Output power
V
S = 3.0 V, Tamb =25°C
f = 315 MHz, Z
Load = (255 + j192) W
P
Ref
6.0
8.0
10.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com