Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R3 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # T48C862-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R3 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button T48C862-R3 Datasheet HTML 37Page - ATMEL Corporation T48C862-R3 Datasheet HTML 38Page - ATMEL Corporation T48C862-R3 Datasheet HTML 39Page - ATMEL Corporation T48C862-R3 Datasheet HTML 40Page - ATMEL Corporation T48C862-R3 Datasheet HTML 41Page - ATMEL Corporation T48C862-R3 Datasheet HTML 42Page - ATMEL Corporation T48C862-R3 Datasheet HTML 43Page - ATMEL Corporation T48C862-R3 Datasheet HTML 44Page - ATMEL Corporation T48C862-R3 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
41
T48C862-R3
4554A–4BMCU–02/03
This timer starts running automatically after any power-on reset! If the watchdog func-
tion is not activated, the timer can be restarted by writing into the T1C1 register with
T1RM = 1.
Timer 1 can also be used as a watchdog timer to prevent a system from stalling. The
watchdog timer is a 3-bit counter that is supplied by a separate output of Timer 1. It gen-
erates a system reset when the 3-bit counter overflows. To avoid this, the 3-bit counter
must be reset before it overflows. The application software has to accomplish this by
reading the CWD register.
After power-on reset the watchdog must be activated by software in the $RESET initial-
ization routine. There are two watchdog modes, in one mode the watchdog can be
switched on and off by software, in the other mode the watchdog is active and locked.
This mode can only be stopped by carrying out a system reset.
The watchdog timer operation mode and the time interval for the watchdog reset can be
programmed via the watchdog control register (WDC).
Figure 34. Timer 1 Module
Figure 35. Timer 1 and Watchdog
Prescaler
14 bit
CL1
Watchdog
4 bit
MUX
WDCL
T1IM
T1BP
T1MUX
NRST
INT2
T1OUT
T1CS
SYSCL
SUBCL
Q5
Q1 Q2
Q3 Q4
Q6
Q8
Q8
Q11
Q11
Q14
Q14
RES
CL
Decoder
Watchdog
mode control
MUX for interval timer
Decoder
MUX for watchdog timer
T1RM T1C2
T1C1
T1C0
3
2
WDL
WDR WDT1 WDT0
WDC
RES
T1MUX
SUBCL
T1BP T1IM
T1IM=0
T1IM=1
INT2
T1OUT
T1C2
RESET
(NRST)
Watchdog
Divider / 8
Divider
RESET
T1C1
Write of the
T1C1 register
CL1
WDCL
Read of the
CWD register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com