Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R3 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # T48C862-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R3 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button T48C862-R3 Datasheet HTML 32Page - ATMEL Corporation T48C862-R3 Datasheet HTML 33Page - ATMEL Corporation T48C862-R3 Datasheet HTML 34Page - ATMEL Corporation T48C862-R3 Datasheet HTML 35Page - ATMEL Corporation T48C862-R3 Datasheet HTML 36Page - ATMEL Corporation T48C862-R3 Datasheet HTML 37Page - ATMEL Corporation T48C862-R3 Datasheet HTML 38Page - ATMEL Corporation T48C862-R3 Datasheet HTML 39Page - ATMEL Corporation T48C862-R3 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
36
T48C862-R3
4554A–4BMCU–02/03
Figure 30. Bi-directional Port 5
Figure 31. Port 5 External Interrupts
Port 5 Data Register (P5DAT)
Primary register address: "5"hex
Port 5 Control Register (P5CR)
Byte Write
Auxiliary register address: "5"hex
Master reset
Q
V
DD
BP5y
Configurable
*
*
P5DATy
I/O Bus
D
IN enable
I/O Bus
*
*
Switched
pull-up
Switched
pull-down
*
Static
pull-up
(Data out)
*
*
S
*
V
DD
Static
Pull-down
V
DD
Bidir. Port
Data in
IN_Enable
BP53
P53M2
P53M1
P52M2
P52M1
P51M2
P51M1
P50M2
P50M1
Decoder
Decoder
Decoder
Decoder
Bidir. Port
Data in
IN_Enable
BP52
I/O-bus
Bidir. Port
Data in
IN_Enable
BP51
I/O-bus
Bidir. Port
Data in
IN_Enable
BP50
INT1
INT6
P5CR:
Bit 3Bit 2Bit 1Bit 0
P5DAT3
P5DAT2
P5DAT1
P5DAT0
Reset value: 1111b
Bit 3Bit 2Bit 1Bit 0
First write cycle
P51M2
P51M1
P50M2
P50M1
Reset value: 1111b
Bit 7Bit 6Bit 5Bit 4
Second write cycle
P53M2
P53M1
P52M2
P52M1
Reset value: 1111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com