Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862-R3 Datasheet(PDF) 105 Page - ATMEL Corporation

Part # T48C862-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862-R3 Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button T48C862-R3 Datasheet HTML 99Page - ATMEL Corporation T48C862-R3 Datasheet HTML 100Page - ATMEL Corporation T48C862-R3 Datasheet HTML 101Page - ATMEL Corporation T48C862-R3 Datasheet HTML 102Page - ATMEL Corporation T48C862-R3 Datasheet HTML 103Page - ATMEL Corporation T48C862-R3 Datasheet HTML 104Page - ATMEL Corporation T48C862-R3 Datasheet HTML 105Page - ATMEL Corporation T48C862-R3 Datasheet HTML 106Page - ATMEL Corporation T48C862-R3 Datasheet HTML 107Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 105 / 107 page
background image
105
T48C862-R3
4554A–4BMCU–02/03
Serial Interface Control Register 2 (SIC2) .................................................... 75
Serial Interface Status and Control Register (SISC) .....................................76
Serial Transmit Buffer (STB) – Byte Write .................................................... 76
Serial Receive Buffer (SRB) – Byte Read ..................................................... 76
Combination Modes ........................................................................... 77
Combination Mode Timer 2 and SSI ................................................................... 77
Combination Mode 1: Burst Modulation ........................................................ 78
Combination Mode 2: Biphase Modulation 1 ................................................ 78
Combination Mode 3: Manchester Modulation 1 .......................................... 79
Combination Mode 4: Manchester Modulation 2 .......................................... 79
Combination Mode 5: Biphase Modulation 2 ................................................ 80
Combination Mode Timer 3 and SSI ................................................................... 81
Combination Mode 6: FSK Modulation .........................................................81
Combination Mode 7: Pulse-width Modulation (PWM) ................................. 82
Combination Mode 8: Manchester Demodulation/Pulse-width
Demodulation ...............................................................82
Combination Mode 9: Biphase Demodulation ............................................... 83
Combination Mode Timer 2 and Timer 3 ............................................................ 84
Combination Mode 10: Frequency Measurement or Event Counter with
Time Gate .................................................................... 85
Combination Mode 11: Burst Modulation 1 ................................................... 85
Combination Mode Timer 2, Timer 3 and SSI .................................................... 87
Combination Mode 12: Burst Modulation 2 ................................................... 88
Combination Mode 13: FSK Modulation ....................................................... 88
Data EEPROM .................................................................................................... 89
Serial Interface .................................................................................................... 90
Serial Protocol ...............................................................................................90
Control Byte Format ...................................................................................... 91
EEPROM ............................................................................................................91
EEPROM – Operating Modes ....................................................................... 91
Write Operations ........................................................................................... 91
Acknowledge Polling ..................................................................................... 91
Write One Data Byte ..................................................................................... 91
Write Two Data Bytes ................................................................................... 91
Write Control Byte Only ................................................................................ 91
Write Control Bytes ....................................................................................... 92
Read Operations ........................................................................................... 92
Read One Data Byte ..................................................................................... 92
Read Two Data Bytes ................................................................................... 92
Read n Data Bytes ........................................................................................ 92
Read Control Bytes ....................................................................................... 92
Initialization the Serial Interface to the EEPROM ............................................... 93
Absolute Maximum Ratings ............................................................... 94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com