Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85356AMILF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 85356AMILF
Description  2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85356AMILF Datasheet(HTML) 3 Page - Renesas Technology Corp

  85356AMILF Datasheet HTML 1Page - Renesas Technology Corp 85356AMILF Datasheet HTML 2Page - Renesas Technology Corp 85356AMILF Datasheet HTML 3Page - Renesas Technology Corp 85356AMILF Datasheet HTML 4Page - Renesas Technology Corp 85356AMILF Datasheet HTML 5Page - Renesas Technology Corp 85356AMILF Datasheet HTML 6Page - Renesas Technology Corp 85356AMILF Datasheet HTML 7Page - Renesas Technology Corp 85356AMILF Datasheet HTML 8Page - Renesas Technology Corp 85356AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL/ECL CLOCK
MULTIPLEXER
3
Rev C 1/5/15
85356 DATA SHEET
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 3.3V±0.3V; VEE = 0V, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V±0.3V; VEE = 0V, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC+ 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
20 Lead SOIC
20 Lead TSSOP
46.2
C/W (0 lfpm)
73.2
C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Positive Supply Voltage
3.0
3.3
3.6
V
IEE
Power Supply Current
40
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
SEL0, SEL1
VCC = VIN = 3.6V
5
µA
COM_SEL
VCC = VIN = 3.6V
150
µ
IIL
Input
Low Current
SEL0, SEL1
VCC = 3.6V, VIN = 0V
-150
µA
COM_SEL
VCC = 3.6V, VIN = 0V
-5
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com