Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85356AMILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 85356AMILF
Description  2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85356AMILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 85356AMILF Datasheet HTML 8Page - Renesas Technology Corp 85356AMILF Datasheet HTML 9Page - Renesas Technology Corp 85356AMILF Datasheet HTML 10Page - Renesas Technology Corp 85356AMILF Datasheet HTML 11Page - Renesas Technology Corp 85356AMILF Datasheet HTML 12Page - Renesas Technology Corp 85356AMILF Datasheet HTML 13Page - Renesas Technology Corp 85356AMILF Datasheet HTML 14Page - Renesas Technology Corp 85356AMILF Datasheet HTML 15Page - Renesas Technology Corp 85356AMILF Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL/ECL CLOCK
MULTIPLEXER
14
Rev C 1/5/15
85356 DATA SHEET
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
7
13
Added Differential Clock Input Interface section.
Ordering Information Table - added Lead Free part number.
Updated data sheet format.
10/7/04
B
T2
T4D
T9
2
4
8-9
13
Pin Characteristics Table - changed CIN 4pF max, to 4pF typical.
LVPECL DC Characteristics Table - corrected VOH max. from VCC - 1.0V to VCC - 0.9V.
Power Considerations - corrected power dissipation to reflect VOH max in Table 4D.
Ordering Information Table - added ICS85356AMI lead-free part/order number and lead-free
note.
4/11/07
B
3
5
6
7
9
Absolute Maximum Ratings - added TSSOP Package Thermal Impedance.
Parameter Measurement Information - corrected Output Duty Cycle Skew diagram.
Added Recommendations for Unused Input/Output Pins section.
Updated Differential Clock Input Interface section.
Power Considerations - updated Junction Temperature calculation to worst case ambient
temperature.
Updated datasheet format.
2/14/08
B
T1
T5
T8
2
4
6
8
13
Pin Description Table - corrected nCLKx and SELx pins from Pulldown to Pullup. Made error
when converting the datasheet format.
AC Characteristics Table - added thermal note.
Updated Wiring the Differential Input to Accept Single-ended Levels.
Updated Figures 3A and 3B.
Ordering Information Table - deleted “ICS” prefix for Part/Order column. Added LF marking
for SOIC, deleted “ICS” from marking for non-LF SOIC.
Updated Header/Footer of datasheet.
5/10/10
C
T8
1
13
Features section - removed reference to leaded devices
Ordering Information - removed leaded devices. PDN CQ-13-02 last time buy expired.
1/5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com