Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85356AMILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 85356AMILF
Description  2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85356AMILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  85356AMILF Datasheet HTML 1Page - Renesas Technology Corp 85356AMILF Datasheet HTML 2Page - Renesas Technology Corp 85356AMILF Datasheet HTML 3Page - Renesas Technology Corp 85356AMILF Datasheet HTML 4Page - Renesas Technology Corp 85356AMILF Datasheet HTML 5Page - Renesas Technology Corp 85356AMILF Datasheet HTML 6Page - Renesas Technology Corp 85356AMILF Datasheet HTML 7Page - Renesas Technology Corp 85356AMILF Datasheet HTML 8Page - Renesas Technology Corp 85356AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
2:1, Differential-to-3.3V Dual
LVPECL/ECL Clock Multiplexer
85356
85356 Rev C 1/5/15
1
©2015 Integrated Device Technology, Inc.
General Description
The 85356 is a dual 2:1 Differential-to-LVPECL Multiplexer. The
device has both common select and individual select inputs. When
COM_SEL is logic High, the CLKxx input pairs will be passed to the
output. When COM_SEL is logic Low, the output is determined by
the setting of the SEL0 pin for channel 0 and the SEL1 pin for
Channel 1.
The differential input has a common mode range that can accept
most differential input types such as LVPECL, LVDS, LVHSTL,
SSTL, and HCSL. The 85356 can therefore be used as a differential
translator to translate almost any differential input type to LVPECL. It
can also be used in ECL mode by setting V
CC = 0V and VEE to -3.0V
to - 3.8V.
The 85356 adds negligible jitter to the input clock and can operate at
high frequencies in excess of 900MHz thus making
it ideal for use in demanding applications such as SONET,
Fibre Channel, 1 Gigabit/10 Gigabit Ethernet.
Features
• High speed differential muliplexer. The device can be configured
as a 2:1 multiplexer
• Dual 3.3V LVPECL outputs
• Selectable differential CLKx/nCLKx input pairs
• Differential CLKx/nCLKx pairs can accept the following interface
levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency: 900MHz (typical)
• Translates any single-ended input signal to 3.3V LVPECL levels
with resistor bias on nCLKx input
• Output skew: 75ps (typical)
• Propagation delay: 1.15ns (typical)
• LVPECL mode operating voltage supply range:
VCC = 3V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3V to -3.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLK1B
nc
nCLK1A
CLK1A
nCLK0B
CLK0B
nc
nCLK0A
CLK0A
nCLK1B
VCC
Q0
nQ0
SEL0
COM_SEL
SEL1
VCC
Q1
nQ1
VEE
Pin Assignment
85356
20-Lead SOIC
7.5mm x 12.8mm x 2.3mm package body
M Package
Top View
85356
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm package body
G Package
Top View
Block Diagram
Q0
nQ0
COM_SEL
SEL0
SEL1
CLK0A
nCLK0A
0
1
Pulldown
Pullup
Pullup
Pulldown
CLK0B
CLK0B
Pulldown
Pullup
Q1
nQ1
CLK1A
nCLK1A
0
1
Pulldown
Pullup
CLK1B
CLK1B
Pulldown
Pullup
Pullup


Similar Part No. - 85356AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85356 IDT-85356 Datasheet
611Kb / 15P
Propagation delay
More results

Similar Description - 85356AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com