Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85356AMILF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 85356AMILF
Description  2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85356AMILF Datasheet(HTML) 2 Page - Renesas Technology Corp

  85356AMILF Datasheet HTML 1Page - Renesas Technology Corp 85356AMILF Datasheet HTML 2Page - Renesas Technology Corp 85356AMILF Datasheet HTML 3Page - Renesas Technology Corp 85356AMILF Datasheet HTML 4Page - Renesas Technology Corp 85356AMILF Datasheet HTML 5Page - Renesas Technology Corp 85356AMILF Datasheet HTML 6Page - Renesas Technology Corp 85356AMILF Datasheet HTML 7Page - Renesas Technology Corp 85356AMILF Datasheet HTML 8Page - Renesas Technology Corp 85356AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev C 1/5/15
2
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL/ECL CLOCK
MULTIPLEXER
85356 DATA SHEET
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3. Control Input Function Table
Number
Name
Type
Description
14, 20
VCC
Power
Positive supply pins.
1
CLK0A
Input
Pulldown
Non-inverting differential clock input.
2
nCLK0A
Input
Pullup
Inverting differential clock input.
3, 8
nc
Unused
No connect.
4
CLK0B
Input
Pulldown
Non-inverting differential clock input.
5
nCLK0B
Input
Pullup
Inverting differential clock input.
6
CLK1A
Input
Pulldown
Non-inverting differential clock input.
7
nCLK1A
Input
Pullup
Inverting differential clock input.
9
CLK1B
Input
Pulldown
Non-inverting differential clock input.
10
nCLK1B
Input
Pullup
Inverting differential clock input.
11
VEE
Power
Negative supply pin.
12, 13
nQ1,Q1
Output
Differential output pair. LVPECL interface levels.
15, 17
SEL1, SEL0
Input
Pullup
Clock select inputs. LVCMOS/LVTTL interface levels.
16
COM_SEL
Input
Pulldown
Common select input. LVCMOS/LVTTL interface levels.
18, 19
nQ0,Q0
Output
Differential output pair. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
Inputs
Outputs
COM_SEL
SEL1
SEL0
Q0
nQ0
Q1
nQ1
0
0
0
CLK0A
nCLK0A
CLK1A
nCLK1A
0
0
1
CLK0B
nCLK0B
CLK1A
nCLK1A
0
1
0
CLK0A
nCLK0A
CLK1B
nCLK1B
0
1
1
CLK0B
nCLK0B
CLK1B
nCLK1B
1
x
x
CLK0B
nCLK0B
CLK1B
nCLK1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com