Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87354AMILF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 87354AMILF
Description  ÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87354AMILF Datasheet(HTML) 3 Page - Renesas Technology Corp

  87354AMILF Datasheet HTML 1Page - Renesas Technology Corp 87354AMILF Datasheet HTML 2Page - Renesas Technology Corp 87354AMILF Datasheet HTML 3Page - Renesas Technology Corp 87354AMILF Datasheet HTML 4Page - Renesas Technology Corp 87354AMILF Datasheet HTML 5Page - Renesas Technology Corp 87354AMILF Datasheet HTML 6Page - Renesas Technology Corp 87354AMILF Datasheet HTML 7Page - Renesas Technology Corp 87354AMILF Datasheet HTML 8Page - Renesas Technology Corp 87354AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REVISION A 2/12/15
87354 DATA SHEET
3
÷4/÷5 DIFFERENTIAL-TO-
3.3V LVPECL CLOCK GENERATOR
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
CC = 3.0V
TO
3.465V, V
EE = 0, T
A
= -40°C TO 85°C
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
CC = 3.0V
TO
3.465V, V
EE = 0, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
CC
Positive Supply Voltage
3.0
3.3
3.465
V
I
EE
Power Supply Current
104
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
CLK
V
CC = VIN = 3.465V
150
µA
nCLK
V
CC = VIN = 3.465V
5
µA
I
IL
Input Low Current
CLK
V
CC = 3.465V, VIN = 0V
-5
µA
nCLK
V
CC = 3.465V, VIN = 0V
-150
µA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CMR
Common Mode Input Voltage;
NOTE 1, 2
V
EE + 0.5
V
CC - 0.85
V
NOTE 1: Common mode voltage is defined as V
IH.
NOTE 2: For single ended applications, the maximum input voltage for CLK, nCLK is V
CC + 0.3V.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
2
V
CC + 0.3
V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
MR, F_SEL
V
CC = VIN = 3.465V
150
µA
I
IL
Input Low Current
MR, F_SEL
V
CC = 3.465V, VIN = 0V
-5
µA
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
CC = 3.0V
TO
3.465V, V
EE = 0, T
A
= -40°C TO 85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
CC + 0.5 V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Package Thermal Impedance,
θ
JA
112.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com