Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87354AMILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 87354AMILF
Description  ÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87354AMILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  87354AMILF Datasheet HTML 1Page - Renesas Technology Corp 87354AMILF Datasheet HTML 2Page - Renesas Technology Corp 87354AMILF Datasheet HTML 3Page - Renesas Technology Corp 87354AMILF Datasheet HTML 4Page - Renesas Technology Corp 87354AMILF Datasheet HTML 5Page - Renesas Technology Corp 87354AMILF Datasheet HTML 6Page - Renesas Technology Corp 87354AMILF Datasheet HTML 7Page - Renesas Technology Corp 87354AMILF Datasheet HTML 8Page - Renesas Technology Corp 87354AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
÷4/÷5 Differential-to-3.3V LVPECL
Clock Generator
87354
DATASHEET
87354 REVISION A 2/12/15
1
©2015 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The
87354
is
a
high
perf or mance
÷4/÷5
Differential-to-3.3V LVPECL Clock Generator.The CLK, nCLK pair can ac-
cept most standard differential input levels.The 87354 is characterized to
operate from a 3.3V power supply.Guaranteed output and part-to-part skew
char acter istics mak e the 87354 ideal for those cloc k
distr ib ution
applications
demanding
w ell
defined
performance and repeatability.
FEATURES
• One differential 3.3V LVPECL output
• One CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum clock input frequency: 1GHz
• Translates any single ended input signal (LVCMOS, LVTTL,
GTL) to LVPECL levels with resistor bias on nCLK input
• Part-to-part skew: 300ps (maximum)
• Propagation delay: 2.1ns (maximum)
• LVPECL mode operating voltage supply range:
V
CC = 3.0V to 3.465V, VEE = 0V
• -40°C to 85°C ambient operating temperature
• Available in lead-free RoHS compliant package
BLOCK DIAGRAM
PIN ASSIGNMENT
87354
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
CLK
nCLK
MR
F_SEL
1
2
3
4
Vcc
Q
nQ
VEE
8
7
6
5
Q
nQ
CLK
nCLK
÷4
MR
÷5
R
0
1
F_SEL


Similar Part No. - 87354AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87354AMILF IDT-87354AMILF Datasheet
198Kb / 15P
Differential-to-3.3V LVPECL Clock Generator
87354AMILFT IDT-87354AMILFT Datasheet
198Kb / 15P
Differential-to-3.3V LVPECL Clock Generator
More results

Similar Description - 87354AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
Low Skew Differential-to-3.3V LVPECL Clock Generator
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
Low Skew Differential-to- 3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
Low Skew, Differential-to-3.3V LVPECL Clock Generator
87354 IDT-87354 Datasheet
198Kb / 15P
Differential-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
87339I-11 RENESAS-87339I-11 Datasheet
386Kb / 16P
Low Skew, ÷2/4,÷4/5/6, Differential-to-3.3V LVPECL Clock Generator
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com