Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87354AMILF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 87354AMILF
Description  ÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87354AMILF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 87354AMILF Datasheet HTML 6Page - Renesas Technology Corp 87354AMILF Datasheet HTML 7Page - Renesas Technology Corp 87354AMILF Datasheet HTML 8Page - Renesas Technology Corp 87354AMILF Datasheet HTML 9Page - Renesas Technology Corp 87354AMILF Datasheet HTML 10Page - Renesas Technology Corp 87354AMILF Datasheet HTML 11Page - Renesas Technology Corp 87354AMILF Datasheet HTML 12Page - Renesas Technology Corp 87354AMILF Datasheet HTML 13Page - Renesas Technology Corp 87354AMILF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
÷4/÷5 DIFFERENTIAL-TO-
3.3V LVPECL CLOCK GENERATOR
87354 DATA SHEET
10
REVISION A 2/12/15
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in Figure 4.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a
termination
voltage of V
CC- 2V.
•
For logic high, VOUT = V
OH_MAX = VCC_MAX – 0.9V
(V
CC_MAX - VOH_MAX) = 0.9V
•
For logic low, VOUT = V
OL_MAX = VCC_MAX – 1.7V
(V
CC_MAX - VOL_MAX) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX – (VCC_MAX - 2V))/RL] * (VCC_MAX - VOH_MAX) = [(2V - (VCC_MAX - VOH_MAX
))/R
L] * (VCC_MAX - VOH_MAX) =
[(2V - 0.9V)/50
Ω] * 0.9V = 19.8mW
Pd_L = [(V
OL_MAX – (VCC_MAX - 2V))/RL] * (VCC_MAX - VOL_MAX) = [(2V - (VCC_MAX - VOL_MAX
))/R
L] * (VCC_MAX - VOL_MAX) =
[(2V - 1.7V)/50
Ω] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
FIGURE 4. LVPECL DRIVER CIRCUIT AND TERMINATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com