Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87354AMILF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 87354AMILF
Description  ÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87354AMILF Datasheet(HTML) 4 Page - Renesas Technology Corp

  87354AMILF Datasheet HTML 1Page - Renesas Technology Corp 87354AMILF Datasheet HTML 2Page - Renesas Technology Corp 87354AMILF Datasheet HTML 3Page - Renesas Technology Corp 87354AMILF Datasheet HTML 4Page - Renesas Technology Corp 87354AMILF Datasheet HTML 5Page - Renesas Technology Corp 87354AMILF Datasheet HTML 6Page - Renesas Technology Corp 87354AMILF Datasheet HTML 7Page - Renesas Technology Corp 87354AMILF Datasheet HTML 8Page - Renesas Technology Corp 87354AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
÷4/÷5 DIFFERENTIAL-TO-
3.3V LVPECL CLOCK GENERATOR
87354 DATA SHEET
4
REVISION A 2/12/15
TABLE 5. AC CHARACTERISTICS, V
CC = 3.0V
TO
3.465V, V
EE = 0, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
CLK
Clock Input Frequency
1
GHz
t
PD
Propagation Delay;
NOTE 1
CLK to Q (Dif)
1.7
2.1
ns
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
300
ps
t
RR
Reset Recovery Time
400
ps
t
PW
Minimum
Input Pulse Width
CLK
550
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
300
600
ps
odc
Output Duty Cycle
48
52
%
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at the differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
TABLE 4D. LVPECL DC CHARACTERISTICS, V
CC = 3.0V
TO
3.465V, V
EE = 0, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OH
Output High Voltage; NOTE 1
V
CC - 1.4
V
CC - 0.9
V
V
OL
Output Low Voltage; NOTE 1
V
CC - 2.0
V
CC - 1.7
V
V
SWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
NOTE 1: Outputs terminated with 50
Ω to V
CC - 2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com