Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY2016 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BGY2016
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY2016 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BGY2016 Datasheet HTML 3Page - NXP Semiconductors BGY2016 Datasheet HTML 4Page - NXP Semiconductors BGY2016 Datasheet HTML 5Page - NXP Semiconductors BGY2016 Datasheet HTML 6Page - NXP Semiconductors BGY2016 Datasheet HTML 7Page - NXP Semiconductors BGY2016 Datasheet HTML 8Page - NXP Semiconductors BGY2016 Datasheet HTML 9Page - NXP Semiconductors BGY2016 Datasheet HTML 10Page - NXP Semiconductors BGY2016 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2000 Jan 04
7
Philips Semiconductors
Product specification
UHF amplifier module
BGY2016
PACKAGE OUTLINE
UNIT
Q
bp
Z
c
e
U2
U1
U
Fp
q
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
99-02-06
IEC
JEDEC
EIAJ
mm
4.0
3.8
0.56
0.46
A
9.5
9.0
0.3
0.2
D
30.1
29.9
E
18.6
18.4
12.8
12.6
4.1
3.9
40.74
40.54
2.54
e1
17.78
3.25
3.15
L
6.5
6.1
7.75
7.55
15.4
15.2
48.0
48.4
0.3
0.25
vw
0.1
y
DIMENSIONS (mm are the original dimensions)
SOT365A
0
10
20 mm
scale
Plastic rectangular single-ended flat package; flange mounted; 2 mounting holes; 4 in-line leads
SOT365A
p
U2
F
A
U1
U
D
q
E
L
y
Q
c
v A
A
w M
bp
Z
23
4
1
e1
e
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com