Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY2016 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGY2016
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY2016 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGY2016 Datasheet HTML 1Page - NXP Semiconductors BGY2016 Datasheet HTML 2Page - NXP Semiconductors BGY2016 Datasheet HTML 3Page - NXP Semiconductors BGY2016 Datasheet HTML 4Page - NXP Semiconductors BGY2016 Datasheet HTML 5Page - NXP Semiconductors BGY2016 Datasheet HTML 6Page - NXP Semiconductors BGY2016 Datasheet HTML 7Page - NXP Semiconductors BGY2016 Datasheet HTML 8Page - NXP Semiconductors BGY2016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Jan 04
3
Philips Semiconductors
Product specification
UHF amplifier module
BGY2016
CHARACTERISTICS
Tmb =25 °C; VS1 =5V; VS2 = 26 V; PL = 16 W; ZS =ZL =50 Ω unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
frequency
1805
−
1990
MHz
IS1
supply current
−
80
−
mA
IS2
supply current
PD < −60 dBm
−
430
−
mA
PL
load power
PD <20mW
16
−−
W
Gp
power gain
28
−
35
dB
∆Gp
in band gain variation
f = 1805 to 1880 MHz; PL =5W
−−
2dB
f = 1930 to 1990 MHz; PL =5W
−−
2dB
Gp1 -Gp2
gain expansion
Gp1 at PL = 160 mW;
Gp2 at PL =5mW
−−±1dB
η
efficiency
PL =16W
30
−−
%
H2
second harmonic
PL =16W
−−−35
dBc
H3
third harmonic
PL =16W
−−−40
dBc
VSWRin
input VSWR
−−
2:1
stability
VSWR
≤ 2 : 1 through all phases;
PL ≤ 16 W; VS2 =25to27V
−−−60
dBc
reverse intermodulation
Pcarrier = 16 W; Preverse = −40 dBc;
fi =fc ±200 kHz
−−−53
dBc
B
AM bandwidth
corner frequency=3dB;
Pcarrier = 16 W; modulation = 20%
2
−−
MHz
ruggedness
VSWR
≤ 5 : 1 through all phases
no degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com