Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY2016 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY2016
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY2016 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY2016 Datasheet HTML 1Page - NXP Semiconductors BGY2016 Datasheet HTML 2Page - NXP Semiconductors BGY2016 Datasheet HTML 3Page - NXP Semiconductors BGY2016 Datasheet HTML 4Page - NXP Semiconductors BGY2016 Datasheet HTML 5Page - NXP Semiconductors BGY2016 Datasheet HTML 6Page - NXP Semiconductors BGY2016 Datasheet HTML 7Page - NXP Semiconductors BGY2016 Datasheet HTML 8Page - NXP Semiconductors BGY2016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Jan 04
4
Philips Semiconductors
Product specification
UHF amplifier module
BGY2016
APPLICATION INFORMATION
List of components (See Figs 2 and 3)
Note
1. The striplines are on a double copper-clad printed-circuit board with epoxy dielectric (
εr = 4.5); thickness = 1 mm.
COMPONENT
DESCRIPTION
VALUE
CATALOGUE NO.
C1, C2
electrolytic capacitor
10
µF; 35 V
−
C3, C4
multilayer ceramic chip capacitor
10 nF; 50 V
−
C5, C6
multilayer ceramic chip capacitor
100 pF; 50 V
−
C7, C8
multilayer ceramic chip capacitor
10 pF; 50 V
−
L1, L2
Grade 4S2 Ferroxcube bead
−
4330 030 36300
R1, R2
metal film resistor
10
Ω; 0.4 W
2322 195 13109
Z1, Z2
stripline; note 1
50
Ω−
handbook, full pagewidth
MGM861
C8
C6
R2
L2
Z2
C4
C2
VS2
50
Ω
output
C7
C5
R1
L1
C3
C1
VS1
Z1
50
Ω
input
Fig.2 Test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com