Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY2016 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY2016
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY2016 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY2016 Datasheet HTML 1Page - NXP Semiconductors BGY2016 Datasheet HTML 2Page - NXP Semiconductors BGY2016 Datasheet HTML 3Page - NXP Semiconductors BGY2016 Datasheet HTML 4Page - NXP Semiconductors BGY2016 Datasheet HTML 5Page - NXP Semiconductors BGY2016 Datasheet HTML 6Page - NXP Semiconductors BGY2016 Datasheet HTML 7Page - NXP Semiconductors BGY2016 Datasheet HTML 8Page - NXP Semiconductors BGY2016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000 Jan 04
2
Philips Semiconductors
Product specification
UHF amplifier module
BGY2016
FEATURES
• 26 V nominal supply voltage
• 16 W output power into a load of 50 Ω with an RF drive
power of
≤20 mW.
APPLICATIONS
• Base station transmitting equipment operating in the
1805 to 1990 MHz frequency band.
DESCRIPTION
The BGY2016 is a three-stage UHF amplifier module in a
SOT365A package with a plastic cap. It consists of three
NPN silicon planar transistor dies mounted together with
matching and bias circuit components on a metallized
ceramic AlN substrate.
PINNING - SOT365A
PIN
DESCRIPTION
1
RF input
2VS1
3VS2
4
RF output
Flange
ground
handbook, halfpage
MSA447
2
13
4
Fig.1 Simplified outline.
QUICK REFERENCE DATA
RF performance at Tmb =25 °C.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
MODE OF OPERATION
f
(MHz)
VS1
(V)
VS2
(V)
PL
(W)
Gp
(dB)
η
(%)
ZS; ZL
(
Ω)
CW
1805 to 1990
5
26
≥16
≥28
≥30
50
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS1
DC supply voltage
4.5
5.5
V
VS2
DC supply voltage
−
28
V
PD
input drive power
−
120
mW
PL
load power
Tmb =25 °C
−
20
W
Tstg
storage temperature
−30
+100
°C
Tmb
operating mounting base temperature
−10
+90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com