Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5347BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5347BCCZN-R7
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5347BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
ADRF5347
THEORY OF OPERATION
analog.com
Rev. 0 | 11 of 15
The ADRF5347 integrates a driver to perform logic functions inter-
nally and to provide the advantage of a simplified LVCMOS-/LVTTL-
compatible control interface. The driver features three digital control
input pins (LS, V1, and V2) that control the state of the RFx paths.
See Table 6.
POWER SUPPLY
The ADRF5347 requires a positive supply voltage applied to the
VDD pin and a negative voltage applied to the VSS pin. Bypass
capacitors are recommended on the supply and control lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS voltages. Power up VSS after VDD to
avoid current transients on VDD during ramp up.
3. Apply the digital control inputs: LS, V1, and V2. Applying digital
control inputs before the VDD supply can inadvertently forward
bias and damage the internal ESD protection structures. A
series 1 kΩ resistor can be used to limit the current flowing into
the control pin in such cases. If the control pins are not driven to
a valid logic state (that is, controller output is in high impedance
state) after VDD is powered up, it is recommended to use pull-up
and power-down resistors.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
RF INPUT AND OUTPUT
All of the RF ports (RFC and RF1 to RF4) are DC-coupled to 0 V,
and no DC blocking is required at the RF ports when the RF line
potential is equal to 0 V. The RF ports are internally matched to
50 Ω. Therefore, external matching networks are not required.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. The switch design is
bidirectional with equal power handling. The RF input signal can be
applied to the RFC port or the selected RF throw port. The isolation
paths provide high loss between the insertion loss path and the
unselected RF throw ports.
The logic select (LS) input allows to define the control input logic
sequence for the RF path selections. The logic levels applied to the
V1 and V2 pins determine which RFx port is in the insertion loss
state while the other three paths are in the isolation state.
Table 6. Control Voltage Truth Table
Digital Control Inputs
RFx Paths
LS
V1
V2
RF1 to RFC
RF2 to RFC
RF3 to RFC
RF4 to RFC
Low
Low
Low
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
Low
High
Low
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
Low
High
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
Low
High
High
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)
High
Low
Low
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)
High
High
Low
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
High
Low
High
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
High
High
High
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com